Part Number Hot Search : 
V4276 MDT10P74 AATCC OBT33048 SW660 PBPC301 STI710 P6KE15C
Product Description
Full Text Search
 

To Download EDSX10-61J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this recorder can record a maximum of 6 channels of dc voltage, ma, thermocouples and resistance bulbs. the adoption of an ink jet system makes it possible to record measured data in analog trace mode or to print in digital mode at a high speed. this 100mm-wide recorder performs recording clearly in 6 different colors. 1. compact size compact and lightweight design, 199mm in depth and about 2.1kg in mass{weight}. 2. high quality recording ? ink jet system is used for recording and printing meas-ured data in 6 different colors at a high speed. operating noise is minimized. ? six continuous traces without pen offset are possible with this compact size of recorder; a unique record - ing system is used for the frst time in the industry. ? scale of each channel is printed on chart paper, elimi- nating the need for scales. 3. easy setting of input signals dc voltage input (5mv span, 50v max.), 12 kinds of thermocouples (type b, r, s, k, e, j, t, n, w, l, u, pn) and resistance bulbs (pt100) can be set for each chan - nel. 4. digital printing beside the analog recording of measured data, digital printing is also available (periodic printing, list printing, alarm printing, daily report printing, message printing). ? periodic data printing: channel no., date, time, unit, chart speed, measured value ? list printing: date, time, unit, recording range, scal - ing value, alarm set value, chart speed, tag no. ? alarm printing: channel no., alarm type, on/off time, output relay no. ? daily report and totalized data printing: printing of maximum, minimum, average and total of data measured during maximum 24 hours ? message printing : 10 messages, 16-character user- entered messages 5. interactive key operation fluorescent indicator is used to clearly indicate alpha - numeric characters and symbols. input mode, recording range, alarm value, chart speed, etc., can be set according to the comments indicated by the display and operating keys. no bothersome op - eration is required. features data sheet microjet recorder (100mm) 6. easy handling ? a cartridge type recording device is used for easy replacement. ? allow to draw out the chart paper while recording. ? shortage of ink is detected in early stages and an alarm is given to the operator. ? the end of chart paper is detected and indicated on the front panel display. ? shortage of ink and the end of chart paper alarm out - put is possible. 7. full variety of functions ? alarm relay output/external control (record start/stop, chart speed change, data printing, message printing). this unit can easily be connected to the recorder by user (option). ? chart paper illumination lamp (option): the result of printing can be checked even in lower light. ? burnout function is provided as a standard. ? various recording: enlarged/reduced recording, auto- range recording, zone recording. ? calculation: square root extraction, subtraction, engi - neering unit conversion, logarithm. ? language: selectable 3 languages in display and printing. ? passcode security is confgurable. ? transmission function: rs-485 (option) ? the message print and alarm print function are op - erational, even when the recording mode is off. ? all parameters of recording format, daily report, totalize, message and periodic data printing can be printed out. phc date EDSX10-61J nov. 24, 2011
2 phc specifications input system input points: 3 or 6 continuous recording 6 intermittent recording input signal: thermocouple input...b, r, s, k, e, j, t, n, w, l, u, pn resistance bulb input...pt100 ? dc voltage input...50mv, 500mv, 5v, 50v range dc current input...4 to 20ma dc, 10 to 50ma dc (shunt resistor (option) need to be connected to the terminal) max. input voltage: ? thermocouple, resistance bulb and dc voltage (50mv, 500mv range) ...10vdc or less ? dc voltage input (5v, 50v range) ...100vdc or less input signal setting and change: setting and change of input signal be - tween thermocouple, resistance bulb and dc voltage (50mv, 500mv, 5v, 50v range) is possible for each channel by the setting pin in the instrument. setting of recording range: setting is possible within the reference range by using the keyboard. burnout function: when thermocouple or resistance bulb input is disconnected, the recording is defected to 100%. reference range: kind reference range reference range thermo- couple b 400 to 1760c 752 to 3200f r 0 to 1760c 32 to 3200f s 0 to 1760c 32 to 3200f k -200 to 1370c -328 to 2498f e -200 to 800c -328 to 1472f j -200 to 1100c -328 to 2012f t -200 to 400c -328 to 752f n 0 to 1300c 32 to 2372f w 0 to 1760c 32 to 3200f l -200 to 900c -328 to 1652f u -200 to 400c -328 to 752f pn 0 to 1300c 32 to 2372f resistance bulb pt100 -200 to 600c -328 to 1112f dc voltage -50 to +50mv scaling is possible within the range of -32767 to +32767 (decimal point may be put as necessary) -500 to +500mv -5 to +5v -50 to +50v note: n : nicrosil-nisil (iec584) w : +side 5% re, - side 26% re . w (hoskins mfg. co., u.s.a.) l : +side fe, - side cu.ni alloy (din43710) u : +side cu, - side cu.ni alloy (din43710) pn : platinel pt100 : din iec751 recording system writing system: ink jet system, 6 colors chart width: 100mm recording color: no. 1 channel (orange), no. 2 channel (green), no. 3 channel (purple), no. 4 channel (red), no. 5 channel (black), no. 6 channel (blue) recording color can be assigned for each channel. chart length: z fold 15.08m chart speeds: continuous recording type 5 to 400 mm/h, continuous recording 401 to 1500 mm/h, intermittent re - cording intermittent recording type 5 to 1500 mm/h each can be set in 1 mm/h steps. recording cycle: intermitter recording...30 sec/all points continuous recording...depends on chart speed. recording cycle [sec] chart speed [mm/h] (not faster than 2 seconds.) measuring cycle: up to 3 inputs...160ms 6 inputs...320ms service life of ink: (depends on operating conditions) about 6 months for 6 points of linear recording at 20 mm/h of chart speed chart handling: tear off without disturbance of recording. indicating system indication: fluorescent indication (blue-green), 20 characters x 2 lines characters indicated: 5 x 7 dots, 4.16mm high, 2.25mm wide contents of indication: (1) measured value: temperature...1 digit below decimal point; voltage...6 digits (including sign and decimal point) measured value of no.1 channel to no.6 can be indicated simultane - ously. (2) channel no.: 1 digit (1 to 6) (3) engineering unit: max. 7 digits (c, f, %, pa, bar, ppm, m 3 /h, etc.) (4) tag no....8 characters (5) time: year, month, day, hour, minute (6) status indication: record on, chart end, battery alarm, alarm, ink short - age alarm, burnout, carriage failure configuration: these can be set according to the comments indicated by operating keys as follows, passcode main chart speed sub chart speed alarm setting record mode (trend/logging) recording range input signal list print request tag no. daily report setting totalize function communication parameter date and time setting ink monitor clear illumination on/off message defnition measured value shift = 400
3 withstand voltage: input terminal - input terminal...500v ac, 1 minute power supply terminal - ground... 2000v ac, 1 minute input terminal - ground...500v ac, 1 minute power terminal - input terminal...500v ac, 1 minute between alarm terminals...750v ac, 1 minute ( leakage current 5ma or less, how - ever, if the power supply is 24v dc, leakage current of power supply terminal - ground is 10ma or less) reference junction compensation accuracy: k, e, j, t, n, l, u, pn ..... ....... 0.5c (in case of minus input measurement: 1.2c) r, s, b, w ............................. 1c (in case of minus input measurement: 2.4c) common mode noise rejection: 120db at 50, 60hz 0.1hz series mode noise rejection: 30db at 50, 60hz 0.1hz physical data mounting: panel (may be inclined up to 30 back - wards from the vertical.) two more recorders can be mounted side by side. material: case...steel plate front door frame...polycarbonate with glass wool mass{weight}: approx. 2.1 kg (without option) approx. 2.2 kg (with option) case size: bezel 144x144mm depth 199mm cutout 137x137mm finish color: case...black, front door frame...black external terminals: screw terminal (m4 screw) power requirement 1) supply voltage 100 to 240v ac products (9digit of code symbol = d) ? power supply voltage: 100v (-15%) to 240v (+10%) ac (free power supply) ? supply frequency: 50/60hz both employable ? power consumption: 100v ac with all options approximate - ly 26va 2) supply voltage 24v dc products (9digit of code symbol = l) ? power supply voltage: 24v (10%) dc ? power consumption: 26.4v dc with all options 26va or less printing system writing system: ink jet system, 6 colors periodic data printing: measured value, unit, date, time, time line, chart speed, channel no. list printing: (1) measured value list (date, time, channel no., measured value, unit) (2) parameter list (date, time, channel no., recording range, scaling, unit, alarm set value, chart speed, tag no.) (3) test pattern (all characters and color patterns) message printing: 10 m e s s a g e s , 16 - ch a r a c t e r u s e r- entered messages alarm printing: channel no., alarm type ( h, l, rh, rl), output relay no., on/off time burnout printing: burnout channel no. and time other: ink short age message, automatic range selection mark, recording start mark, chart speed change mark note: printing is not available for more than 401 mm/h (continuous recording), or more than 51 mm/h (intermittent recording). performance and characteristics accuracy and resolution: performance under reference condi - t i o n (23 2 c, 65 10%rh, power voltage and frequency variation 1%, warm-up time 30 minutes or more, vertical mounting, free from the effect of external noise) input indication (digital) recording accuracy reso- lution accuracy reso- lution t h e r - mo- couple b (0.15% +1 digit) (without reference junction compen - sation error) 0.1c indication accuracy, 0.25% of record- ing span 0.1mm mini - mum r 0.1c s 0.1c k 0.1c e 0.1c j 0.1c t 0.1c n 0.1c w 0.1c l 0.1c u 0.1c pn 0.1c r e s i s - tance bulb pt100 (0.15% +1 digit) 0.1c dc voltage -50 to +50mv (0.15% +1 digit) 10 v -500 to +500mv 100 v -5 to +5v 1mv -50 to +50v 10mv note: indication accuracy is in % of reference range. indication accuracy of b type tc is (0.36% + 1digit) between 400c to 600c. indication accuracy of all type tc is (0.36% + 1digit) between -200c to -100c. input resistance: thermocouple:>10m ? 50mv range: >10m ? 500mv range: >100k ? 5v and 50v range: >1m ? chart speed accuracy: 0.1% (expansion and contraction of paper is not included) clock accuracy: 50ppm or less (monthly error; about 2 minutes) imsulation resistance: 100m ? or more (between each termi - nal and earth, at 500v dc) =90~60
4 phc operating environment (for devices to operate continuously) usage environment : indoor temperature limits: 0 to 50c humidity limits: 20 to 80%rh, non condensing is re - quired (temperature x humidity<3200) vibration: 10 to 60hz, 0.2m/s 2 {0.02g} or less mounting position: front inclination 0, rear inclination 30, left/right inclination 0 signal source resistance: thermocouple input...1k ? or less voltage input...less than 0.1% of in - put resistance resistance bulb input...less than 10 ? per line (resistance of each wire of 3-wire system should be balanced with others.) warm-up time: 30 min or more shock: no external shock environmental protection: iec ip50(front) / 20(terminal) [not covered by ul approval] installation category: pollution degree: 2 operating altitude: 2000m max. operating environment infuence effect of power supply fuctuation : (1) supply voltage 100 to 240v ac products (9th digit of code symbol = d) voltage variation: 85 to 264v ac (frequeucy: 50/60hz) 100vac base change in indication (0.1%+1 digit) max. change in recording 0.2% of recording span, max. frequency variation: 47 to 63hz (power voltage: 100v ac) 50hz base change in indication (0.1%+1 digit) max. change in recording 0.2% of recording span, max. (2) supply voltage 24v dc products (9th digit of code symbol = l) with 21.6 to 26.4v dc fluctuation, 24v dc base change in indication....(0.1% + 1 digit) max. change in recording....0.2% of re - cording span, max. input signal source resistance or wiring resistance infuence: thermocouple... 10 v per 100 ? vo l t a g e i n p u t . . . va r i a t i o n o f 0 . 1 % change of resistance change in indication... (0.1%+1 digit) max. change in recording... 0.2% of re - cording span, max. reistance bulb...variation of resis - tance with changes in 10 ? per wire change in indication... (0.1%+1 digit) max. change in recording... 0.2% of recording span, max. (3 wires should be balanced.) temperature infuence: change in indication... (0.3%+1digit) /10c, max. change in recording... 0.5%/10c, max. mounting position infuence: inclination within 30 change in indication... (0.1%+1 digit) max. change in recording... 0.2% of re - cording span, max. vibration infuence: linear vibration with 10 to 60hz of frequency and 0.2m/s 2 {0.02g} of ac - celeration is applied to each of 3 di - rections for 2 hours. change in indication...(0.1%+1 digit) max. change in recording... 0.2% of re - cording span, max. effect of external noise: normal mode noise (50,60hz0.1hz) ... 30db or more common mode noise (50,60hz0.1hz) 120db or more chart paper infuence: standard temperature/humidity: 20c, 65%rh expansion at 85%rh... 0.4% max. contraction at 35%rh... 0.5% max. alarm setting method: setting from keyboard number of alarm levels: max. 4 levels for each channel alarm types: high(h), low(l), high-rate of change(rh), low-rate of change(rl) alarm action indication: kind of alarm and output relay no. are indicated for each channel at occur - rence of alarm. printing: channel no., kind of alarm, output re - lay no. and on/off time are printed on chart paper. output: see optional specifcations. hysteresis: approx. 0.5% of recording span alarm timing: recognition; 1 second (worst case) action; additional 1 second (worst case) alarm latch: hold the alarm display and alarm output. others: shortage of ink and the end of chart paper alarm output is possible. transportation/storage condition (detach a recording head from the main unit before trans - portation) temperature limits: - 10 to +60c humidity limits: 5 to 90%rh, non condensing is required vibration: 10 to 60hz, 2.45m/s 2 {0.25g} shock: 294m/s 2 {30g} or less
5 functions function description range setting recording range can be set for each channel. input setting any input can be set for each channel. skip function used to skip recording, indication and alarm at any measuring point. list printing function measured value list date, time, and measured value unit can be printed. parameter list date, time, recording range, scaling, unit, kind of input, alarm set value, chart speed, and tag no. can be printed. test pattern all characters and color patterns can be printed. periodic data printing function time, date, chart speed, measured value and unit can be printed at fxed intervals. printing can be enabled/disabled from keyboard. message printing maximum 10 messages, 16-character user- entered messages can be printed. alarm printing function time, channel no., kind of alarm, and output relay no. can be printed when alarm is on or off. unit indication engineering units such as c, f, %, mv, ma, pa, l, etc., are indicated (setting from key board). scaling function scaling with dc voltage input is possible. (set - ting of decimal point is also possible within the range of -32767 to +32767). subtract function difference between any channels is recorded (channel is set from keyboard). logarithm measurd value can be displyed and printed by 10 n power. auto-range recording recording range is automatically changed for recording in the event of overrange or under - range (setting with keyboard). this function is not available for combination of zone recording and enlarged/reduced recording. zone recording recording area is divided into a maximum of 3 zones for recording. this function is not available for combination of automatic range selection and enlarged/re - duced recording. enlarged/reduced recording a part of recording area of each channel is ex - panded or contracted for recording. this function is not available for combination of automatic range selection and zone recording. square-root extrac - tion function square-root extraction of dc voltage input is possible. daily report function measured value of every hour for maximum one day (24 data) in each channel is stored for printing. maximum, minimum and average values are also printed at the same time. on- off operation, on-off of each channel and operation start time/stop time can be set from keyboard. totalize function integrated value of every hour for maximum one day (24 data) in each channel is stored for printing (integration in 1 sec steps). possible to print total value only. total value is also printed at the same time. on-off operation, on-off of each channel and operation start time/stop time can be set from keyboard. measured value shift shift the zero point and inclination of the mea - sured value so that the measured value can be adjusted according to other instruments. memory backup set data and clock function are protected by built-in lithium battery (expected battery life, about 10 years under normal temperature). input flter response is delayed according to sudden changes in input of each channel (1st order lag filter). time constant setting range: 0 to 900 sec (setting from keyboard). burnout function when thermocouple or resistance bulb input is disconnected, it is defected 100%. also, it is indicated and printed at the same time. passcode 4 digits passcode security is available. language english, german, or french is selectable for display and printing. optional specifcations 1. chart illumination: led 2. alarm output/3-point external control: this unit can be mounted from the rear side of the recorder. (1) alarm output (do): 6 points of relay contact n.o. (1a) or n.c. (1b) output for individual channel operation or common operation contact capacity: n.o. contact 240v ac/3a 30v dc/3a (resistive load) n.c. contact 125v ac/0.4a 30v dc/2a (resistive load) only following specifcations obtain ul approval. 1 a c o n t a c t 3 0 v ac /30v dc 3a (resistive load) (2) external control (di): the following control is possible with external contact signal. ? recording start/stop; recording start/stop is effected by contact signal. recording is started when contact is closed and stopped when contact is open. ? chart speed change; selection between normal and re - mote chart speeds is effected by contact signal. remote chart speed is selected when contact is closed and normal when contact is open. ? measured value printing; measured value list printing (date, time, channel no., measured value, unit) is effected by contact signal. print - ing is started when contact is closed. ? message printing note: for external control, use a dry contact. contact capacity: 12v dc, 0.05a, n.o. (1a) contact 3. transmission function: rs - 4 8 5 i n t e r fa c e fo r t r a n s m i tt i n g meas-ured value and receiving the condition of setting. transmission method half-duplex bit serial synchronizing method start-stop synchronizing code binary data length, 8 bits parity: odd/even/none stop bit: 1 or 2 transmission speed 2400, 4800, 9600, 19200 bps number of units connected max. 31 units transmission distance max. 1 km remarks: when connecting through rs-232c, be sure to use a 232 to 485 converter. the following shows a recommended converter. maker: system sakom co., ltd., japan tel: +81-3-3797-0211 type: ks-485
6 phc scope of delivery note 1) this is not conformed to ul61010-1:2001approval. note 2) this is conformed toul approval with conditions attached. please refer to "optional specifcations" on page 5. remarks: input signal setting prior to delivery is as follows. ? thermocouple k: 0 to 1200c note: contact fuji electric for additional features not listed such as flow integration record and calculation of input signals. code symbols the product conforms to the requirements of the electromagnetic compatibility directive 89/336/eec as detailed within the technical construction file number tn510406. the applicables standards used to demonstrate compliance are:- en 50081-1 :-1992 conducted and radiated emissions en 50082-1 :-1992 radiated immunity, esd and fbt phc item part no. unit of quantity for sale ink cartridge phzh1002 1 pc chart paper (0 to 50, 50 uniform division) pex00dl1-5000b 1 box (6 charts) item type specifcation shunt resistor phzt1101 for 10 i 0.1% alarm output/ external control unit phzk1601 with 6-point alarm output(n.o.)/ 3-point external control phzk1611 with 6-point alarm output(n.c.)/ 3-point external control other (optional items) recorder, panel mounting bracket, accessories (ink car - tridge (1), chart paper (1), ink absorption cloth (1)). instruction manual (1). note: ink cartridge is not mounted on the recorder at the time of de - livery. spare parts recording points 3 continuous recording 6 continuous recording 6 intermittent recording power supply 100 to 240v ac 50/60hz note 1) 24v dc chart paper illumination without with alarm output/external control without 6-point alarm output (n.o.)/ 3-point external control note 2) 6-point alarm output (n.c.)/ 3-point external control note 1) transmission function without with rs-485 note 1) description 1 2 3 4 5 6 7 8 - 9 10 11 12 13 p h c 3 0 0 - v 3 6 7 3 6 6 d l a b 0 1 2 y r alarm latch function the alarm display and alarm output are held even after the cause of alarming was gone. on-off operation can be set from keyboard. cancellation of the held alarm can be made from external control (di). parameter copy set parameters on any channel can be copied to any other channels.
7 connection diagrams outline diagrams (unit:mm) power source 24v dc 137 when mounting multiple unit n : number of units to be mounted note: when panel mounting, two bracket are necessary either on the top and bottom of the recorder. when mounting one unit +1.5 0 137 +1.5 0 137 +1.5 0 [144 x nC6] ac 11 11 input 1 resistance bulb thermocouple C + voltage input 2 input 3 input 4 input 5 input 6 transmission (option) 21 31 41 51 61 12 22 32 42 52 62 trx1 + trx2 C 13 23 33 43 53 63 shld 12 13 14 15 16 17 18 19 29 28 27 26 25 24 23 22 21 ac g + - g +2 0 input terminal alarm/external control unit (option) power terminal power source 100 to 240v ac 50/60hz di 1 di 2 di 3 alarm 1 alarm 2 alarm 3 alarm 4 alarm 5 alarm 6 di 1 record start or message print 1 di 2 chart speed change or message point 2 di 3 measured value printing or alarm latch cancel or message print 3 note: alarm relay contact is selectable n.o. or n.c. by code symbols. ? ? ? ? ? ? ? C + panel coutout power terminal input termianl alarm/external control unit (option) transmission termianl (option) 158 41 174.4 136.4 199 26 t mounting bracket panel 144 144 136.4 2 t 30
phc printed in japan caution on safety *before using this product, be sure to read its instruction manual in advance. international sales div sales group gate city ohsaki, east t ower , 1 1-2, osaki 1-chome, shinagawa-ku, t okyo 141-0032, japan http://www .fujielectric.com phone: 81-3-5435-7280, 7281 fax: 81-3-5435-7425 http://www .fujielectric.com/products/instruments/ information in this catalog is subject to change without notice.


▲Up To Search▲   

 
Price & Availability of EDSX10-61J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X